PART |
Description |
Maker |
YW10-5S03 YW10-12S03 |
MAX 3000A CPLD 128 MC 100-TQFP IC MAX 7000 CPLD 64 100-TQFP 模拟IC
|
YEONHO Electronics Co., Ltd.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
ATF1508RE-7AU100 ATF1508RE-5AX100 |
128 MC CPLD, 3.3V ISP CPLD, 100-pin TQFP(EPLD) EE PLD, PQFP100 Highperformance CPLD
|
Atmel, Corp. ATMEL Corporation
|
ST49C101A-07 ST49C101A-09 ST49C101A-01 ST49C101A-0 |
MAX II CPLD 240 LE 100-MBGA MAX II CPLD 2210 LE 256-FBGA MAX II CPLD 570 LE 256-FBGA MAX II CPLD 2210 LE 324-FBGA MAX II CPLD 570 LE 100-FBGA MAX II CPLD 240 LE 100-FBGA 变频
|
ALPS Electric Co., Ltd.
|
EPM706B4 EPM706B4S EPM7192E EPM7160S EPM7192S EPM7 |
IC MAX 7000 CPLD 128 84-PLCC PROGRAMMABLE LOGIC DEVICE FAMILY
|
ALTERA[Altera Corporation]
|
YTM401F |
MAX II CPLD 570 LE 144-TQFP
|
|
YG832C04R |
SCHOTTKY BARRIER DIODE MAX 7000 CPLD 256 MC 208-RQFP 肖特基二极管
|
Fuji Electric Electronic Theatre Controls, Inc.
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
MAX990EUA-T MAX994 MAX989EUA-T MAX990ESA MAX990EKA |
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, 300 ns RESPONSE TIME, PDSO8 Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, PDSO8 Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators COMPARATOR, 7000 uV OFFSET-MAX, PBGA6
|
Maxim Integrated Products, Inc.
|
ST491A ST491ABD ST491ABDR ST491ABN ST491ACD ST491A |
LOW POWER HIGH SPEED RS-485/RS422 TRANSCEIVER MAX II CPLD 2210 LE 324-FBGA MAX II CPLD 2210 LE 256-FBGA LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER 低电源高RS-485/RS-422收发 IC SW OFFLINE 68W/117W TO262-7 低电源高速RS-485/RS-422收发
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
2PA1774Q115 |
PNP general-purpose transistor - Complement: 2PC4617Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V; Package: SOT416 (SC-75); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
AS5SP1M18DQ AS5SP1M18DQ-30ET AS5SP1M18DQ-30IT AS5S |
1M X 18 CACHE SRAM, 3.5 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 1M X 18 CACHE SRAM, 4 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
|
Austin Semiconductor, Inc Micross Components
|